Part Number Hot Search : 
MAX4091 CAT4134 MIC25 KTC3502 2N5794U SLLB120 5210F5 KRF7317
Product Description
Full Text Search
 

To Download QEM8-020-020-S-D-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  qem8?060?05.0?l?d?a qem8?040?05.0?s?d?a (0,80mm) .0315" pitch standard alignment pins polarized integral metal plane for power or ground increased insertion depth and contact wipe edge wiping contacts for reduced broadside coupling footprint compatible with qte series www.samtec.com board mates: qef8 0,80 mm high speed header f-209-1 no. of positions per row da plating option other option ?020, ?040, ?060 (40 total positions per bank) lead style ?k = (10,25mm) .404" dia polyimide film pick & place pad ?tr = tape & reel packaging ?l = 10" (0,25m) gold on signal pins and ground plane, matte tin on tails ?s = 30" (0,76m) gold on signal pins and ground plane, matte tin on tails ?05.0 = 5mm body height no. of positions a (26,82) 1.056 (46,82) 1.843 (66,82) 2.631 ?020 ?040 ?060 for complete speci cations and recommended pcb layouts see www.samtec.com?qem8 insulator material: black lcp terminal material: phosphor bronze plating: au over 50? (1,27?) ni current rating: testing now! operating temp range: testing now! voltage rating: testing now! max cycles: testing now! rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max note: some lengths, styles and options are non-standard, non-returnable. qem8 series qem8 (0,67) .026 (0,90) .035 dia (0,80) .0315 01 02 a (1,10) .043 (7,02) .276 (4,60) .181 (8,97) .353 (9,23) .363 qem8 lead style ?05.0 (10,00) .394 ?05.0 stack height qef8 lead style specifications extended life product 10 year mixed flowing gas (mfg) tm call samtec for maximum cycles mated with qef8


▲Up To Search▲   

 
Price & Availability of QEM8-020-020-S-D-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X